|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
China Electronics Technology Group Corporation No.26 Research Institute 90MHz SAW Filter 19MHz Bandwidth Part Number:LBN09014 www.sipatsaw.com SIPAT Co., Ltd. Specifications Parameter Center Frequency Insertion Loss 1 dB Bandwidth 3 dB Bandwidth 35 dB Bandwidth 40 dB Bandwidth 45 dB Bandwidth 50 dB Bandwidth 55 dB Bandwidth Passband Variation Absolute Delay Ultimate Rejection Material Temperature coefficient Ambient Temperature Package Size Unit MHz dB MHz MHz MHz MHz MHz MHz MHz dB usec Minimum 89.9 19.35 48 Typical 90 26.3 19.2 19.4 20.12 20.18 20.23 20.28 20.33 0.9 3.5 50 -7.38 25 Maximum 90.1 27 19.45 20.2 20.6 21.4 29.4 1 4 - dB KHz/C C DIP3512 (35.0x12.8x4.7mm3) Notes: 1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance show Matching Configuration L1=L2=22nH Source/Load Impedance=50 ohm Notes - Component values may change depending on board layout. SIPAT Co., Ltd. ( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060 Part Number Rev. Date Rev. LBN09014 2006-3-20 1.0 Page 1/3 Phone: +86-23-62920684 Fax: +86-23-62805284 www.sipatsaw.com / sawmkt@sipat.com China Electronics Technology Group Corporation No.26 Research Institute 90MHz SAW Filter 19MHz Bandwidth Part Number:LBN09014 www.sipatsaw.com SIPAT Co., Ltd. Package Dimension 35.000.5 12.800.5 4.7 4.5 0.450.05 2.540.2 7.620.2 3 6 2 1 4 5 25.400.2 2.540.2 Input:1 Output:5 SIPAT Co., Ltd. ( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060 Part Number Rev. Date Rev. LBN09014 2006-3-20 1.0 Page 2/3 Phone: +86-23-62920684 Fax: +86-23-62805284 www.sipatsaw.com / sawmkt@sipat.com China Electronics Technology Group Corporation No.26 Research Institute 90MHz SAW Filter 19MHz Bandwidth Part Number:LBN09014 www.sipatsaw.com SIPAT Co., Ltd. Typical Performance Frequency Respond -26.2855 -22 Passband Respond -36.2855 -23 -46.2855 -24 -56.2855 -25 -26 -66.2855 -27 -76.2855 -28 -86.2855 -29 -96.2855 -30 -31 -106.2855 50 60 70 80 90 100 110 120 130 80 82 84 86 88 90 92 94 96 98 100 Group Delay Variation(f09MHz) Phase Linearity(f0Hz) Smith Chart S11 Smith Chart S22 SIPAT Co., Ltd. ( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060 Part Number Rev. Date Rev. LBN09014 2006-3-20 1.0 Page 3/3 Phone: +86-23-62920684 Fax: +86-23-62805284 www.sipatsaw.com / sawmkt@sipat.com |
Price & Availability of LBN09014 |